PART |
Description |
Maker |
08-58-0103 08-50-0120 08-52-0072 08-56-0105 08-52- |
KK 156 TERMINAL CRIMP 18-24 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Brass; Contact Plating:Tin BRASS, WIRE TERMINAL Connector Contact,SKT,IDC Terminal RoHS Compliant: Yes Solderless Terminal; Wire Size (AWG):26-22 RoHS Compliant: Yes KK 156 TERMINAL CRIMP 18-24 AWG TIN
|
Molex, Inc. ITT, Corp. MOLEX INC
|
0002092611 WM2297CT 02-09-2611 02-09-2612 42478-00 |
TERMINAL, PIN, .093/(2.36) DIA., CRIMP 093 Male Terminal Chain 14-18 BRASS, TIN (20) FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
200123F |
2.0mm SINGLE ROW CRIMP HOUSING & CRIMP TERMINAL
|
SUYIN USA, INC.
|
42817-0011 0428170131 |
Solderless Terminal; Wire Size (AWG):12-10 RoHS Compliant: Yes COPPER ALLOY, TIN LEAD FINISH, WIRE TERMINAL MALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.
|
Molex, Inc. Molex Electronics Ltd.
|
05-02-0091 |
CRIMP TERMINAL 1457-6 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
0005060301 05-06-0301 |
Flat Blade Crimp Terminal, Series 2176, Female, With Tin (Sn) Plated Brass Contact, With Detent, 14-22 AWG (or 18 AWG Double Crimp), Reel Packaged
|
Molex Electronics Ltd.
|
08-50-0030 0008500030 |
KK? Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin, Reel, 2.20mm (.087) Insulation Crimp KK垄莽 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin, Reel, 2.20mm (.087") Insulation Crimp
|
Molex Electronics Ltd.
|
41695-N-A12 09-50-8120 0009508120 |
3.96mm (.156) Pitch KK? Crimp Terminal Housing, 12 Circuits 3.96mm (.156") Pitch KK庐 Crimp Terminal Housing, 12 Circuits 3.96mm (.156") Pitch KK垄莽 Crimp Terminal Housing, 12 Circuits
|
Molex Electronics Ltd.
|
02-09-8107 02-09-8103 02-09-8108 02-09-8109 02-09- |
CRIMP TERMINAL, MALE, GROUND PIN, .093 DIA., FOR VARIOUS WIRE SIZES 093 Male GrdPin Term Chain 18-22 BRASS, TIN FINISH, WIRE TERMINAL Crimp Pin Contact; Wire Size (AWG):22-18; Contact Material:Brass RoHS Compliant: Yes BRASS, TIN FINISH, WIRE TERMINAL 093 Male GrdPin Term Chain 14-18 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
6471-04 0022012046 22-01-2046 E-6471-4 |
2.54mm (.100) Pitch KK? Crimp Terminal Housing, 4 Circuits, Use with 4809 2.54mm (.100) Pitch KK庐 Crimp Terminal Housing, 4 Circuits, Use with 4809 2.54mm (.100) Pitch KK垄莽 Crimp Terminal Housing, 4 Circuits, Use with 4809
|
Molex Electronics Ltd.
|
0008550131 08-55-0131 |
KK? Crimp Terminal, 22-30 AWG, Bag, Selective Gold (Au), Nickel (Ni) Under Plating KK垄莽 Crimp Terminal, 22-30 AWG, Bag, Selective Gold (Au), Nickel (Ni) Under Plating MOLEX Connector
|
Molex Electronics Ltd.
|
0002066143 02-06-6143 |
1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1854, Male, with Selective Gold (Au) Plated Brass Contact, Tin (Sn) Plated Crimp Area, 24-30 AWG, Reel MOLEX Connector
|
Molex Electronics Ltd.
|
|